Part Number Hot Search : 
20N50 TM3013 E7000 HPL1005 NJL0302D BA7042 3F323 DN8799MS
Product Description
Full Text Search
 

To Download DA101J22S215QF7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K DA Series Miniature Single Pole Rocker Switches
Features/Benefits Typical Applications
* Nice actuator styling with * Small appliances multiple options * Computers and peripherals * Guards to prevent accidental * Medical instrumentation actuation * Momentary and maintained functions * IP65 splash proof rubber boot option
Specifications
CONTACT RATING: UL/CSA: 16 AMPS @ 125 VAC, 1/3 HP; 10 AMPS @ 250 VAC, 1/2 HP. VDE: 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC. ELECTRICAL LIFE: 10,000 make and break cycles at full load. INSULATION RESISTANCE: 108 min. DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish. ILLUMINATED ACTUATOR: Polycarbonate, matte finish. CENTER CONTACTS: Silver plated, copper alloy. END CONTACTS: Silver plated AgSn02ln03. ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages 4 thru 6. For additional options not shown in catalog, consult Customer Service Center.
Switch Function DA101 SPDT On-None-On DA102 SPST On-None-Off DA103 SPDT On-Off-On DA12 * SPST On-None-Off
Actuator J1 Rocker J2 Two-tone rocker J3 Illuminated rocker J4 Circle, illuminated rocker J5 Oval, illuminated rocker Actuator Color 2 (STD). Black 1 White 3 Red R Red, illuminated A Amber, illuminated G Green, illuminated Mounting Style/Color S2 (STD.) Snap-in, black S1 Snap-in, white B2 Recessed snap-in bracket, black G2 Guard, black Termination 15 (STD.) .187" quick connect 17 Solder lug 02 Thru-hole A Right angle Actuator Marking (NONE) (STD.) No marking D ON-OFF H "O l" - international ON-OFF N Large dot P "O -" international ON-OFF Contact Rating QF (STD.) Silver Lamp Rating (NONE) (STD.) No lamp 6 LED 7 125 VAC neon 8 250 VAC neon
Dimensions are shown: Inch (mm) Dimensions subject to change
*
DA12 - for switches with both marking and illumination
3
www.ittcannon.com
C&K DA Series Miniature Single Pole Rocker Switches
SWITCH FUNCTION
SWITCH FUNCTION CONNECTED TERMINALS
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
DA101
ON
NONE
ON
SP
DA102
ON
NONE
OFF
2-3
N/A
2-1
OR
For 7 & 8 Illuminated Versions Only +
DA103
ON
OFF
ON - For 6 Illuminated Versions Only
DA12 *
ON
NONE
OFF
*
DA12 - for switches with both marking and illumination
ACTUATOR
J1 J3
ROCKER ILLUMINATED ROCKER
J2
TWO-TONE ROCKER
.142 (3,6)
.389 (9,88)
NOTE: J3 actuator available with DAX02 switch functions only.
NOTE: Available with DA102 switch function and P actuator marking only.
Dimensions are shown: Inch (mm) Dimensions subject to change
4
www.ittcannon.com
C&K DA Series Miniature Single Pole Rocker Switches
ACTUATOR
J4
CIRCLE, ILLUMINATED ROCKER
J5
OVAL, ILLUMINATED ROCKER
.142 (3,6)
.389 (9,88)
.142 (3,6)
.389 (9,88)
NOTE: Available with DA102 switch function and 7 & 8 lamp ratings only.
NOTE: Available with DA102 switch function and 6 lamp rating only.
ACTUATOR COLOR
OPTION CODE ACTUATOR COLOR (STD.) BLACK WHITE RED RED, ILLUMINATED AMBER, ILLUMINATED GREEN, ILLUMINATED OPTION CODE TOP ACTUATOR COLOR BOTTOM RED BLACK WHITE WHTE RED
2 1 3 R A G
1 2 3 4 5
WHITE WHITE RED BLACK BLACK
J2 actuator only
MOUNTING STYLE/COLOR
S2 S1
(STD.) SNAP-IN, BLACK SNAP-IN, WHITE
B2
RECESSED SNAP-IN BRACKET, BLACK .080 (2,03) 1.200 (30,48) .820 (20,83)
1.244 (31,60)
NOTE: Available with DA10X switch functions only. S2, S1 & G2 PANEL MOUNTING
G2
GUARD, BLACK
.350 (8,89)
.940 (23,88)
.700 (17,78)
PANEL THICKNESS 0.030-0.049 (0,75-1,25) 0.049-0.079 (1,25-2,0) 0.079-0.118 (2,0-3,0)
"X" 0.756-.004 (19,2-0,1) 0.764-.004 (19,4-0,1) 0.779-.004 (19,8-0,1)
"Y" 0.512+.004 (13,0+0,1) 0.512+.004 (13,0+0,1) 0.512+.004 (13,0+0,1)
1.064 (27,03)
B2 PANEL MOUNTING
NOTE: Available with DA10X switch functions only.
PANEL THICKNESS 0.030-0.049 (0,75-0,25) 0.049-0.079 (1,25-2,0) 0.079-0.118 (2,0-3,0)
"Y" 1.068 (27,13) 1.076 (27,33) 1.092 (27,74)
Dimensions are shown: Inch (mm) Dimensions subject to change
5
www.ittcannon.com
C&K DA Series Miniature Single Pole Rocker Switches
TERMINATION
15
(STD.) .187" QUICK CONNECT
17
SOLDER LUG
.669 (17,0)
.024 (0,6)
.031 (0,8) .268 (6,8)
.098 DIA. (o2,5)
.059 (1,5) .110 (2,8)
02
THRU-HOLE
A
RIGHT ANGLE
.543 (13,8) 1.075 (27,3) 1 1 2 3 .031 (0,8) .280 (7,1) .051 (1,3) .512 (13,0) .031 (0,8) .280 (7,1) 2
.543 (13,8)
.630 (16,0)
.051 (1,3) .138 (3,5)
ACTUATOR MARKING
NONE
(STD.) NO MARKING
D
ON-OFF
H
Ol
N
LARGE DOT
P O-
NOTE: Orientation of actuator marking and terminals.
CONTACT MATERIAL
OPTION CODE CONTACT AND TERMINAL MATERIAL SILVER POWER RATINGS 16 AMPS @ 125 VAC; 1/3 HP; 10 AMPS @ 250 VAC; 1/2 HP, (UL/CSA). 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC (VDE)
QF (STD.)
LAMP RATING
(NONE) (STD.) NO LAMP 6 LED RATING @ 10 mA Vf=1.85V 7 8
125 VAC 33k NEON 250 VAC 150k NEON
Dimensions are shown: Inch (mm) Dimensions subject to change
6
www.ittcannon.com
C&K DA Series Miniature Single Pole Rocker Switches
ACCESSORIES
216C00000
IP65 SPLASH PROOF RUBBER BOOT
.748 (19,0)
.551 (14,0)
.787 (20,0) .957 (24,3) .295 (7,5)
.142 (3,6)
Dimensions are shown: Inch (mm) Dimensions subject to change
7
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of DA101J22S215QF7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X